PART |
Description |
Maker |
MCR25 |
Resistors > Rectangular Chip resistors Low ohmic resisitors : MCR10, etc.
|
ROHM
|
DTA114ECA |
Built-In Bias Resistors Enable The Configuration of An Inverter Circuit Without Connecting External Input Resistors
|
TY Semiconductor Co., Ltd
|
DTA114TE |
Built-In Bias Resistors Enable The Configuration of An Inverter Circuit Without Connecting External Input Resistors
|
TY Semiconductor Co., L...
|
AT90S2313-4PC AT90S2313-4PI AT90S2313-4SC AT90S231 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash Surface Mount Resistors Thick Film Chip Resistors
|
Atmel Corp.
|
DWR02F75RT52 DWR02F75RT73 DWR02F75RT91 DWR01F75RT7 |
Resistors Power Wire Wound Resistors
|
Dubilier
|
ERJM1WS2512 ERJM03N0603 ERJM1WT2512 ERJM03NF10MV E |
Low Resistance Value Chip Resistors(Current Sensing Resistors) Low Resistance Value Chip Resistors(Current Sensing Resistors) 0603, 2512
|
Panasonic Semiconductor
|
MNR34 |
Resistors > Multiple miniature chip resistor networks Size0603(0201) rectangular chip resistors : MNR14, etc.
|
ROHM
|
MCR10 MCR10EZHJ752 MCR10EZHF1002 MCR10EZHF5102 MCR |
Thick film rectangular Resistors > Size2012(0805) rectangular chip resistors : MCR10, etc.
|
ROHM
|
FST34X2245QSP FST34X2245 |
32-Bit Bus Switch with 25-Ohm Series Resistors in Outputs 32-Bit Bus Switch with 25 Series Resistors in Outputs From old datasheet system 32-Bit Bus Switch with 25з Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74ALVT162244 AV162244DL 74ALVT162244DGG 74ALVT1622 |
2.5 V / 3.3 V 16-bit buffer/driver with 30 Ohm termination resistors (3-State) 2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 2.5V/3.3V 16-bit buffer/driver with 30 Ωtermination resistors (3-State)(0 Ω终端电阻器的2.5V/3.3V 16位缓冲器/驱动三态)) 2.5V/3.3V 16-bit buffer/driver with 30
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
RER40XXXX RER70XXXX RER70FR261R RER75XXXX |
ERH/ENH Series / Wirewound Resistors (RER Series) Wirewound Resistors
|
Vishay Intertechnology
|
74LVTH322245EC 74LVTH322245 74LVTH322245EC518 74LV |
3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tray Dry Pack, Bakeable, Multiple 3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tape reel smd LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
|
NXP Semiconductors N.V.
|